|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ACTIVE SIGNAL AMPLIFIER Vin&Iout T51/52/61/62_D/S DESCRIPTION The series is a high integration, high efficiency polygonal - line active isolation amplifier module, with anterior circuit voltage signal input and posterior current signal output. These modules are embed with a high efficiency isolated micro-power source, which can provide a electrics-feed for signal input. In the two-wire three-wire and four-wire circuit applications, our products largely predigest customers' design helpfully improve the using room ratio of PCB .Adopting electromagnetism isolation technology, it is available to keep high accuracy and natural extremely low temperature drift. The isolation voltage among the input, output power supply and isolated power output can up to 2.5KVDC. PRODUCT PROGRAM Part Number T5150D/S T5230D/S T6130D/S T6135D/S T6230D/S T6233D/S T6235D/S T6250D/S T6253D/S T6255D/S Power Supply 12V 24V 24V 24V 24V 24V 24V 12V 12V 12V Input 0-10V 0-10V 0-5V 0-5V 0-5V 0-5V 0-5V 0-5V 0-5V 0-5V Output 4-20mA 0-20mA 4-20mA 4-20mA 0-20mA 0-20mA 0-20mA 0-20mA 0-20mA 0-20mA Isolation Power Output NONE NONE NONE 12V NONE 24V 12V NONE 24V 12V Channels 1 1 1 1 1 1 1 1 1 1 Note: We could also offer customer design for special input and output. ELECTRICAL CHARACTERISTICS Power Supply Power Supply Data Power Dissipation Power Protection Isolation Power Output Data Output Voltage Output Current Input Signal Input Data Input Impedance Overload Output Data Output Signal Load (Nominal Power Supply)5% 2W Reverse protection (Nominal) 10% 25mA See above 10M 30V See above 500At output=20mA FEATURES Three-port isolation Among input, output and power supply High accuracy (0.1% F.S.) High linearity (0.1% F.S.) Isolation voltage(2500VDC/60S) High frequency response(15KHz) Extremely low temperature(35PPM/ ) Industry standard(Operating Temperature Range:-25C to 71C) High reliability(MTBF500,000 hours) TRANSMISSION CHARACTERISTICS Offset Gain Error Temperature Drift 0.1%F.S. 0.1%F.S. 0.0035%F.S./ (-25 to +71 ) MODEL SELECTION TXXXXD Pa ckage style Iso lation po w er o utpu t Pow e r supp ly Out put Inp ut Isolatio n Amp lifier ISOLATION CHARACTERISTICS Galvanic Isolation Isolation Voltage Insulation Resistance Three-port isolationAmong input, output and power supply 2.5KVDC (Tested for 1minute and 1mA max, humidity < 70%) 1000M, 500VDC (Among signal input, signal output and power supply) OTHER CHARACTERISTICS Ambient temperature Package Operation temperature:-25 to +71 Transport and Storage temperature:-50 to +105 DIP24/SOIC24 About 10g No dusts, gases of fiercely vibration, impulsion or gases that may erode to the components surrounded MORNSUN Science & Technology co.,Ltd. Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com Weight The Environment in use Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. Only typical models listed, specifications of custom product may be different. Please contact our service people directly for certain conditions. The copyright and authority for the interpretation of the products are reserved by Mornsun Specifications subject to change without notice. T51/52/61/62_D/S A/3-2008 Page 1 of 2 SCHEMATIC DIAGRAM 24Power su pply 23+ 13Isolation Power Output 14+ Vin12Signal input 11+ Vin+ 2+ Signal ou tput Iout1Iou t+ APPLICATION NOTE 1. Please read instruction book carefully before using the product. If you have any question, please contact with our technical support. 2. Please don't install in the dangerous zone. 3. The power supply is direct voltage. 220V alternating current is forbidden.. 4. Don't divide the product privately in case the equipments ineffective or go wrong. AFTER SERVICE APPLICATION CIRCUIT DIAGRAM Power Supply Isolation Power Output 1. Products are carefully inspected and controlled before going out from our factory. If they operated abnorm ally or there were som ething wrong in the inner parts, please contact with our agents near you or technical support in our company as soon as possible. 2. 3 years warranty since the delivery date. During the period of quality guaranteeour company normally will repair or change free of charge if product has any quality problem in the process of using. 24 23 22 21 20 PinPin+ NC NC NC 16 15 14 13 NC NC PoutPout+ NC NC Sin+ Sin- SoutSout+ NC NC NC TxxxxD 9 10 11 12 12345 Output Input APPLICATION CIRCUITS See A GUIDE TO INSTRUMENTATION ISOLATION AMPLIFIERS for more detail. PACKAGING SIZE AND TERMINAL DESCRIPTION First Angle Projection SOIC Package 10.20 (0.397) 10.20 (0.397) DIP Package 0.70 (0.028) 32.30(1.272) 18.60(0.732) 14.40 (0.560) 4.00 (0.157) 27.94(1.100) 32.30(1.272) (0.028) 0.30 (0.012) 1.150.15 24 23 2221 20 16 15 1413 14.40 (0.560) RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) 19.24(0.757) 2423222120 16151413 2.00 (0.079) Vin- Vin- 12345 9 1011 12 12345 9 101112 1.00 (0.039) FOOTPRINT DETAILS P IN FUNCTION OutputOutput+ Input+ Isolation Power Output- PIN FUNCTION Isolation Power Output+ Power Supply+ 24(Vin-) Others Power SupplyNC NC:No Connection Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin tolerances:0.10mm(0.004inch) General tolerances:0.25mm(0.010inch) The copyright and authority for the interpretation of the products are reserved by Mornsun Specifications subject to change without notice. T51/52/61/62_D/S A/3-2008 Page 2 of 2 0.65 (0.026) |
Price & Availability of T6135DS |